Part Number Hot Search : 
KP120 KP120 PSMA70A 01VXC 100391 AN0116 1046743 AHCNR51B
Product Description
Full Text Search
 

To Download FTR-P5CN010W1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE--25 A
FTR-P5 SERIES
FTR-P5 SERIES
n FEATURES
lLowoperatingsound
RoHS compliant
Anoriginalsilentmechanismdecreasesthepropagationof operatingsoundwhenmountedonaPCB.(Averagesound pressure:50dBat5cm). l Compact,highdensitypackage 98mm2mountingarea.(46%lessthantheFTR-PSeriesquiettwinrelay). l Highsensitivity,lowpowerconsumption (nominalpowerconsumption:450mW). l Highcapacity Heatdissipationishighduetoasinglecoverstructure. l EaseofPCBlayout Allterminalsareontheperimeter. l Highbreakingcapability. Inadditiontothestandardgapproduct(0.3mm),ahigher gapproduct(0.6mm),suitableforovervoltagebreaking canbesupplied. l Typicalapplications: Wiper/IWW,Powerwindow,Doorlock,Powerseat Sunroof,Interiorlighting,Fan l RoHScompliantsincedatecode:0623 Pleaseseepage8formoreinformation
n ORDERING INFORMATION
[Example]
(a) (b) (c) (d) (e) (f)
FTR-P5 C N 02 W (a) (b) (c) (d) (e)
** (f )
SeriesName ContactGap NominalVoltage ContactMaterial Specialproduct specification
FTR-P2 :FTR-P2Series :FormC :0.3mmgap :0.6mmgap 00:0VDC 02:2VDC N P
ContactArrangement C
009:9VDC W
:Silver-Tin-OxideIndiumOxide
Symboltospecifyspecialspecificationproduct
Note:Thepartnumberontherelaycoverdoesnotinclude'FTR' Example: Orderingpartnumber:FTR-P5CN02W Stampedpartnumber:P5CN02W
FTR-P5 SERIES

n SPECIFICATIONS
Ite m A rr a n g e m e n t M a t e r ia l V o lt a g e d r o p C o n ta c t C o n t a c t r a t in g M a x im u m C a r ry in g C u rr e n t M in i m u m L o a d * C o il O p e r a t in g T e m p e r a t u re R a n g e S t o ra g e T e m p e r a t u r e R a n g e O p e r a t e ( a t n o m in a l v o lt a g e ) R e le a s e (a t n o m in a l v o lt a g e ) M e c h a n ic a l E l e c tr ic a l Specification 1 FormC Silver-Tin Oxide-Indium Oxide 1 00 m maximum Measured at 2A, 12 VDC Remark
DC 14V, 25A (motor locked) 25 A/ 1 hour (25 C, nominal voltage applied to c o il) 6V 1A -4 0 C t o + 8 5 C -4 0 C t o + 1 0 0 C 10 ms maximum 5 ms maximum 10 million operations minimum 100K operatioms minimum At contact rating = 9.13G@55Hz Reference value N o fro st When nominal coil voltage is a p p li e d t o c o i l, o r r e m o v e d , n o diod e .
T im e
L if e
Vibration resistance (Operational) 10-55Hz,1.5mm double amplitude S hock r e s is t a n c e W e ig h t A v e ra g e s o u n d p r e s s u r e O p e ra ti o n a l N o D am age 100 m/s2 minimum (10G) 1000 m/s2 minimum (100G) Approximately 13 grams Approximately 50 dB at 5 cm
O the r
A weighting
*Thisisthestandardvalueoftheminimumloadlevel.Thisvaluemaydifferdependingontheswitchingfrequency,environmental conditionsandtargetreliabilitystandard.Werecommendtocheckthisvaluebyanactualloadpriortouse.
n COIL DATA
N o m i n a l C o il Voltage DC 9V DC 10V DC 12V C o il R e s is ta n c e * (1 0% ) 180 220 320 Power C o n su m p t ion at nominal coil v olta ge * 4 50 m W 4 55 m W 4 50 m W M u st O p e rate Voltage* 5.5 V (2 0 ) 6.9 V ( 8 5 ) 6.3 V ( 2 0 ) 7 .9V (8 5 ) 7.3 V ( 2 0 ) 9.2 V ( 8 5 ) M u s t R e lea se Voltage 0.7 2 0 .8 0 .9 6
P rodu ct N am e
F T R -P 5 C N 0 0 9 W 1 F T R -P 5 C N 0 1 0 W 1 F T R -P 5 C N 0 1 2 W 1
2
FTR-P5 SERIES
n CHARACTERISTIC DATA
1. LIFE TEST (EXAMPLES)
*Testitem 4VDC, *Changeinpick-updrop-outvoltage inrushcurrent:30A motorfree 100 300Koperationsminimum 0.25secondsON, 80 9.75secondsOFF *Testcircuit 60
RL N.O. N.C. M
Percent of nominal coil voltage (%)
40 20 0
PICK-UP DROP-OUT
Note:NCcontactsprovide dynamicbrakecircuit *Currentwaveform
30 A 5A 20 A
Initial
2
5
10
3
50
100
*Changeincontactresistance
1000
Number of operations (x 10 times) (Measured at DC 6V 1A wet)
ContactResistance(m)
100
0A
10
1
20
50
100
3
500
1000
Initial
Number of operations (x 10 times)
Percentofnominalcoilvoltage(%)
*Testitem 4VDC-25A MotorLock 00Koperations minimum* *Testcircuit
RL-1 N.O. N.C. N.O. N.C. RL-2 M
*Shiftofpick-updrop-outvoltage
100 80 60 40 20 0
PICK-UP DROP-OUT
*Currentwaveform
(RL-1) 25 A 0A (RL-2) 25 A 0A 0.25 sec 0.25 sec 10 sec 20 sec
Initial
20
50
100
3
500
100
Number of operations (x 10 times) (Measured at DC 6V 1A wet)
*Changeincontactresistance
1000
ContactResistance(m)
100
10
* 1 operation = 1 forward and 1 reverse
1
20
50
100
3
500
1000
Initial
Number of operations (x 10 times) 3
FTR-P5 SERIES
2. MAXIMUM BREAK CAPACITY 100 Coil temperature rise (degree C) 50 Switching Current (A) 20 10 5 2 1 10 Motor lock load FTR-P5CN 100 80
(3) Contact carrying current: 20A
3. COIL TEMPERATURE RISE
Ambient temperature:20C, one coil energized, 0.45 W coil power
60 40
(2) Contact carrying current: 10A
20 0
13 15 17 20 25 30 Voltage between contacts (VDC)
0
10
20
30
Applied time (minutes)
4. OPERATING COIL VOLTAGE RANGE
Intermittent coil operation with 10A carrying current Ratio to nominal coil voltage (%) 140 120 Continuous coil power range
100
80 60 40 -30 -20 0 20 40 60 80 100
te vo ltage
Mu
era st-op
Ambient temperature (C)
4
FTR-P5 SERIES
5. VIBRATION RESISTANCE CHARACTERISTICS
Dual amplitude (mm) 100 Acceleration (m/s2) 50 44 m/s
2
5 Automotive electronic standard
1
0.5
0.1
0.01
10 10 50 100 Frequency (Hz) 500
Frequency : 10~2000 Hz Acceleration : 100 m/s2 maximum Vibration direction : see drawing below Detection level : generation of 1 ms or longer chattering Range where chattering occurs Break contact Coil deenergization on Y-direction Z FTR-P5 1000 2000 Y X
6. SHOCK RESISTANCE CHARACTERISTIC
1,000 800 600
impact value (m/s2)
400 200 0
Impact apply time : 111 ms, half-sine wave Test condition: coil, energized and de-energized Impact direction: see drawing below Detection level : generation of 1ms or longer contact chattering Y2 Z2 X1 X2 Y1 Y2 Z1 Z2 : Break contact (coil de-energized) : Make contact (coil energized) Z1 FTR-P5 X1 X2 Impact direction Y1
5
FTR-P5 SERIES
n REFERENCE DATA
80
Operating/release voltage distribution
Data: FTR-P5 Units: n = 100 Release voltage Operate voltage
Distribution of sound pressure (with diode)
Contact resistance distribution
Distribution (%)
100 80 Distribution (%) 60 40 20 Data: FTR-P5 Units: n = 100
60 50 40 30 20 10 0
FTR-P5CN012W1 n=100
Distribution (%)
60
40
20
45 46 47 48 49 50 51 52 53 54 55
0
Sound pressure level (dB)
0 10 20 30 40 50 60 70 80 Ratio to rated voltage (%)
0
0
10 20 30 40 50 60 70 80 Contact resistance (m)
Method of acoustic noise measure Measuring condition: Distance from 5 cm, relay operation at 10Hz Tester: Noise tester Ryon NA-61, A range
Microphone 5cm Relay
n DIMENSIONS *Dimensions
20.4+0.3 9.7+0.3
5 5 5 (1.2) 1
Cushion
*PCBmountingholelayout
(bottomview)
*Schematic
(bottomview)
2
16.7+0.3
0.3
5.5
5-o1.4
5
4
3
3.7
Unit:mm
6
FTR-P5 SERIES
RoHS Compliance and Lead Free Relay Information
1. General Information
Relaysproducedafterthespecificdatecodethatisindicatedoneachdatasheetarelead-free now.Mostofoursignalandpowerrelaysarelead-free.PleaserefertoLead-FreeStatusInfo. (http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf) l LeadfreesolderpastecurrentlyusedinrelaysisSn-3.0Ag-0.5Cu. l AllsignalandmostpowerrelaysalsocomplywithRoHS.Pleaserefertoindividualdata sheets.RelaysthatareRoHScompliantdonotcontainthe5hazardousmaterialsthat arerestrictedbyRoHSdirective(lead,mercury,chromiumIV,PBB,PBDE). l Ithasbeenverifiedthatusinglead-freerelaysinleadedassemblyprocesswillnotcauseany problems(compatible). l "LF"ismarkedoneachouterandinnercarton.(Nomarkingonindividualrelays). l Toavoidleadedrelays(forlead-freesample,etc.)pleaseconsultwithareasalesoffice. l Wewillshipleadedrelaysaslongastheleadedrelayinventoryexists. Note:CadmiumwasexemptedfromRoHSonOctober2,2005.(AmendmenttoDirective2002/95/EC)
l

2. Recommended Lead Free Solder Profile
l
RecommendedsolderpasteSn-3.0Ag-0.5Cu.
Reflow Solder condtion Flow Solder condtion:
Pre-heating: Soldering: maximum120C dipwithin5sec.at 260Csolerbath
Solder by Soldering Iron:
SolderingIron Temperature: maximum360C Duration: maximum3sec.
We highly recommend that you confirm your actual solder conditions
3. Moisture Sensitivity
l
MoistureSensitivityLevelstandardisnotapplicabletoelectromechanicalrealys. DippedSnAgCusolderisknownaslowrisktinwhisker.Noconsiderablelengthwhiskerwasfoundbyourin housetest.
4. Tin Whisker
l
7
FTR-P5 SERIES
Fujitsu Components International Headquarter Offices
Japan FujitsuComponentLimited Gotanda-ChuoBuilding 3-5,Higashigotanda2-chome,Shinagawa-ku Tokyo48630,Japan Tel:(8-3)5449-700 Fax:(8-3)5449-2626 Email:promothq@fcl.fujitsu.com Web:www.fcl.fujitsu.com North and South America FujitsuComponentsAmerica,Inc. 250E.CaribbeanDrive Sunnyvale,CA94089U.S.A. Tel:(-408)745-4900 Fax:(-408)745-4970 Email:components@us.fujitsu.com Web:http://www.fujitsu.com/us/services/edevices/components/ Europe FujitsuComponentsEuropeB.V. Diamantlaan25 232WVHoofddorp Netherlands Tel:(3-23)556090 Fax:(3-23)5560950 Email:info@fceu.fujitsu.com Web:emea.fujitsu.com/components/ Asia Pacific FujitsuComponentsAsiaLtd. 02EPasirPanjangRoad #0-0CitilinkWarehouseComplex Singapore8529 Tel:(65)6375-8560 Fax:(65)6273-302 Email:fcal@fcal.fujitsu.com Web:http://www.fujitsu.com/sg/services/micro/components/
(c)2006FujitsuComponentsAmerica,Inc.Allrightsreserved.Alltrademarksorregisteredtrademarksarethepropertyoftheirrespective owners. FujitsuComponentsAmericaoritsaffiliatesdonotwarrantthatthecontentofdatasheetiserrorfree.Inacontinuingefforttoimproveour productsFujitsuComponentsAmerica,Inc.oritsaffiliatesreservetherighttochangespecifications/datasheetswithoutpriornotice. Rev.August/2006
8


▲Up To Search▲   

 
Price & Availability of FTR-P5CN010W1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X